PART |
Description |
Maker |
T2333 S7237 T4333 S1136 S1236 S1237 S2136 S2137 S2 |
Led Lamp TRIANGULAR TYPE
|
Jiann Wa Electronics List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Man...
|
L-643YD L-613ED L-613GD L-613HD L-613SRD L-613XX L |
Yellow, 2.37 x 4.88 x 8.6 mm tombstone type LED lamp Super red, 2.37 x 4.88 x 8.6 mm tombstone type LED lamp Green, 2.37 x 4.88 x 8.6 mm tombstone type LED lamp Hi effi red, 2.37 x 4.88 x 8.6 mm tombstone type LED lamp 2.37 x 4.88 x 8.6mm TOMBSTONE TYPE LED LAMP
|
PARA Light ETC[ETC] List of Unclassifed Manufacturers
|
BL-B4131N BL-B4541N BL-B4541Q BL-B3141Q BL-B2141Q |
High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Flip-Flops with 3-State Outputs 20-PDIP -55 to 125 0R00 2010 100PPM IMAX=3A RMAX=0.02 5% SMD RESISTOR High Speed CMOS Logic Octal Inverting Buffers and Line Drivers with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Shift Register with Input Storage 16-SOIC -55 to 125 STANDARD LED LAMPS Yellow, standard LED lamp (round type) Orange, standard LED lamp (round type) Hi-eff red, standard LED lamp (round type) Bright red, standard LED lamp (round type) Hi-eff green, standard LED lamp (round type)
|
早安股份有限公司 ETC[ETC] YSTONE[Yellow Stone Corp]
|
BL-R4130N BL-R4130G BL-R2130N BL-R4530G BL-RX113P |
Orange, standard LED lamp (rectangular type) Green, standard LED lamp (rectangular type) Hi-eff red, standard LED lamp (rectangular type) Hi-eff green, standard LED lamp (rectangular type) Yellow, standard LED lamp (rectangular type) Bright red, standard LED lamp (rectangular type)
|
Yellow Stone Corp
|
HLMA-SL05 HLMA-SH05 HLMP-S600-A00DG HLMP-S301-B000 |
HLMA-SL05 · 2 mm x 5 mm Rectangular LED Lamp HLMA-SH05 · 2 mm x 5 mm Rectangular LED Lamp HLMP-S600-A00DG · 2 mm x 5 mm Rectangular LED Lamp HLMP-S301-B0000 · 2 mm x 5 mm Rectangular LED Lamp HLMP-S301-B00DG · 2 mm x 5 mm Rectangular LED Lamp HLMP-S301-CDB00 · 2 mm x 5 mm Rectangular LED Lamp HLMP-S501-DE000 · 2 mm x 5 mm Rectangular LED Lamp HLMP-S301-C0002 · 2 mm x 5 mm Rectangular LED Lamp HLMP-S501-C0000 · 2 mm x 5 mm Rectangular LED Lamp HLMP-S501-D0002 · 2 mm x 5 mm Rectangular LED Lamp HLMP-S201-D0000 · 2 mm x 5 mm Rectangular LED Lamp HLMP-S201-E0002 · 2 mm x 5 mm Rectangular LED Lamp HLMP-S201-EF000 · 2 mm x 5 mm Rectangular LED Lamp
|
Agilent (Hewlett-Packard)
|
BL-WX1334A-S BL-T1131-T BL-T1132-T BL-T1133-T BL-T |
STANDARD LED LAMPS(TRIANGULAR & OVAL TYPES)
|
http:// YSTONE[Yellow Stone Corp]
|
APT1608SGC APT1608YC APT1608EC |
1.6 x 0.8 mm SMD chip LED lamp. Super bright green (peak wavelength 565 nm). Lens type water clear. 1.6 x 0.8 mm SMD chip LED lamp. Yellow. (peak wavelength 590 nm). Lens type water clear. 1.6 x 0.8 mm SMD chip LED lamp. High efficiency red (peak wavelength 627 nm). Lens type water clear.
|
Kingbright Electronic
|
APC3216EC APC3216YC APC3216SGC |
3.2 x 1.6 mm SMD chip LED lamp. High efficiency red (peak wavelength 627 nm). Lens type water clear. 3.2 x 1.6 mm SMD chip LED lamp. yellow (peak wavelength 590 nm). Lens type water clear. 3.2 x 1.6 mm SMD chip LED lamp. Super bright green (peak wavelength 565 nm). Lens type water clear.
|
Kingbright Electronic
|
APA3010SURC |
3.0 x 1.0 mm SMD chip LED lamp. Hyper red (peak wavelehgth 640 nm). Lens type water clear. 3.0 x 1.0mm SMD CHIP LED LAMP
|
Kingbright Electronic Kingbright Corporation
|
HLMP-3750-L0001 HLMP-3750-L00B1 HLMP-3850-KLB00 HL |
Half pitch interface connectors (HRS unique); HRS No: 230-1553-3 00; Contact Mating Area Plating: Gold 的T 1毫米),高强度LED T-1 3/4 (5 mm). Ultra-Bright LED Lamp 的T 1 3 / 4毫米)。超高亮LED T-1 3/4 (5 mm). Ultra-Bright LED Lamp 的T 1 3 / 45毫米)。超高亮LED T-1 3/4 (5mm). Ultra Bright LED Lamp 的T 1 3 / 4mm)的。超高亮度发光二极管 T-1 (3mm) Ultra-Bright LED Lamp 的T 1毫米)超亮LED
|
Avago Technologies, Ltd. TE Connectivity, Ltd.
|